| Moteur de recherche de fiches techniques de composants électroniques |
|
LS6025 Fiches technique(PDF) 2 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS6025 Fiches technique(HTML) 2 Page - BOWIN ELECTRONIC CO. |
|
2 / 7 page ![]() LSI LS6025 2 Functional Description Power Up At power up, all LCD segment turns on for 1 second. Clock Mode The LS6025 is a digital watch with a slot machine game. At clock mode, the LS6025 has 3 1/2 digit LCD for time display. The LS6025 also provide alarm and snooze function. Three key operation The LS6025 support 3 keys : KSET, KMIN, KHR. Clock Mode: 1. Press KHR to toggle sound. 2. Press KMIN to enter Game Mode. 3. Press KSET to enter Setting Mode. Setting Mode : At Clock Mode, press KSET to enter Setting Mode in the following sequence: Clock Mode Set Alarm enable/disable Set Alarm Hour:Minute Set Time Hour:Minute Clock Mode…… In Set Alarm/Time Mode, press KHR to set hour, press KMIN to set minute. In Set Alarm Enalble/Disable, press KHR/KMIN toggles alarm enalbe/disable. In all setting mode, if the value is changed, press KSET set will exit setting mode and goes back to Clock Mode. At Game Mode, 1. Press KMIN to start the slot machine. 2. Press KHR to toggle sound. 3. Press KSET goes back to Clock Mode. The Rule of the game. Every time the KMIN is pressed , 20 marks will be deducted. Marks will be added according to the following mark table : . Pattern Add Marks XXX XXX XXX BAR BAR BAR XXX XXX XXX 30 CLR CLR CLR BAR BAR BAR CLR CLR CLR 50 BAR BAR BAR BAR BAR BAR XXX XXX XXX 80 BAR BAR BAR BAR BAR BAR BAR BAR BAR 100 |