| Moteur de recherche de fiches techniques de composants électroniques |
|
LS3321 Fiches technique(PDF) 4 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3321 Fiches technique(HTML) 4 Page - BOWIN ELECTRONIC CO. |
|
4 / 9 page ![]() LSI LS3321 4 5. LCD driver The system has 32 LCD segment pad with 2-8 common pads (by mask option) providing 32x2,3,4,5,6,7,8 LCD segment output. The LCD segment table is shown below : COMMON SEG [1:32] 1 78H:D[0:3], 79H:D[0:3], 7AH:D[0:3], 7BH:D[0:3], 7CH:D[0:3], 7DH:D[0:3], 7EH:D[0:3], 7FH:D[0:3] 2 70H:D[0:3], 71H:D[0:3], 72H:D[0:3], 73H:D[0:3], 74H:D[0:3], 75H:D[0:3], 76H:D[0:3], 77H:D[0:3] 3 68H:D[0:3], 69H:D[0:3], 6AH:D[0:3], 6BH:D[0:3], 6CH:D[0:3], 6DH:D[0:3], 6EH:D[0:3], 6FH:D[0:3] 4 60H:D[0:3], 61H:D[0:3], 62H:D[0:3], 63H:D[0:3], 64H:D[0:3], 65H:D[0:3], 66H:D[0:3], 67H:D[0:3] 5 58H:D[0:3], 59H:D[0:3], 5AH:D[0:3], 5BH:D[0:3], 5CH:D[0:3], 5DH:D[0:3], 5EH:D[0:3], 5FH:D[0:3] OR (MASKING OPTION) 28H:D[0:3], 29H:D[0:3], 2AH:D[0:3], 2BH:D[0:3], 2CH:D[0:3], 2DH:D[0:3], 2EH:D[0:3], 2FH:D[0:3] 6 50H:D[0:3], 51H:D[0:3], 52H:D[0:3], 53H:D[0:3], 54H:D[0:3], 55H:D[0:3], 56H:D[0:3], 57H:D[0:3] 7 48H:D[0:3], 49H:D[0:3], 4AH:D[0:3], 4BH:D[0:3], 4CH:D[0:3], 4DH:D[0:3], 4EH:D[0:3], 4FH:D[0:3] 8 40H:D[0:3], 41H:D[0:3], 42H:D[0:3], 43H:D[0:3], 44H:D[0:3], 45H:D[0:3], 46H:D[0:3], 47H:D[0:3] 6. Mask option Name description BZ2K/4K buzzer frequency BZ[0], BZ[1] buzzer control FSYSPRB Power Up Control INA address description 0 Watch dog reset 3 ROMH 5 ROMHH/OSCON 4 OFF OSC 5 ON OSC 6 OFF LCD 7 ON LCD Address Description DH(write) D3 1=START 0=STOP D2 1=XINP0 0=F1HZ D1(tone) 1=FOSC 0=FOSC/2 D1(timer) 1=XINP0 0=F1HZ D0 1=tone 0=buz |