| Moteur de recherche de fiches techniques de composants électroniques |
|
LS3201 Fiches technique(PDF) 2 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3201 Fiches technique(HTML) 2 Page - BOWIN ELECTRONIC CO. |
|
2 / 8 page ![]() LSI LS3201 2 Functional Description 1. RC Oscillator /Crystal The LS3201 can use either a crystal oscillator or RC oscillator to provide the internal timing by mask option. 2. Program ROM The LSI3201 has internal 2Kx12 bit ROM providing simple operation. It has four internal stack. 3. Interrupt Control The LSI3201 has 5 different sources of interrupt, namely, POWERUP, F4HZ, F16HZA, F16HZS and F1HZ. The starting address of the interrupt are as follow : Interrupt Address POWERUP 0 F1HZ 1 F4HZ 2 F16HZA 3 F16HZS 4 The system generates 16 interrupts for F16HZS in one second but only 11 interrupts for F16HZA. The other 5 interrupts goes to F4HZ (4) and F1HZ (1) interrupts. |