| Moteur de recherche de fiches techniques de composants électroniques |
|
LS3103 Fiches technique(PDF) 2 Page - BOWIN ELECTRONIC CO. |
|
|
|||||||||||||||||||||||||||||
LS3103 Fiches technique(HTML) 2 Page - BOWIN ELECTRONIC CO. |
|
2 / 8 page ![]() LSI LS3103 2 Functional Description 1. RC Oscillator /Crystal The LS3103 can use either a crystal oscillator or RC oscillator to provide the internal timing by mask option. 2. Program ROM The LSI3103 has internal 1Kx12 bit ROM providing simple operation. It has four internal stack. 3. Interrupt Control The LSI3103 has 5 different sources of interrupt, namely, POWERUP, F4HZ, F16HZA, F16HZS and F1HZ. The starting address of the interrupt are as follow : Interrupt Address POWERUP 0x3ff F1HZ 0x3fe F4HZ 0x3fc F16HZA 0x3f8 F16HZS 0x3f1 The system generates 16 interrupts for F16HZS in one second but only 11 interrupts for F16HZA. The other 5 interrupts goes to F4HZ (4) and F1HZ (1) interrupts. 3. RAM The system has 73x4bit of program RAM with IO address as follows. Address Description Initialize 0-0fH RAM undefined 10H-1fH Display RAM undefined 20-2fH RAM undefined 30H rptrl undefined 31H rptrh undefined 32H rptr1 undefined 33H Beep Control 0 34H-3fH RAM Undefined 54H-56H Display RAM Undefined 58H-5AH Display RAM Undefined 5CH-5EH Display RAM Undefined 73H IOX Register 0 Address 31H:30H forms a 8 bit address for indirect read/write operation. Address 32H:30H forms a 8 bit address for indirect read/write operation. |