Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT8972BE Fiches technique(PDF) 13 Page - Mitel Networks Corporation

No de pièce MT8972BE
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BE Fiches technique(HTML) 13 Page - Mitel Networks Corporation

Back Button MT8972BE Datasheet HTML 9Page - Mitel Networks Corporation MT8972BE Datasheet HTML 10Page - Mitel Networks Corporation MT8972BE Datasheet HTML 11Page - Mitel Networks Corporation MT8972BE Datasheet HTML 12Page - Mitel Networks Corporation MT8972BE Datasheet HTML 13Page - Mitel Networks Corporation MT8972BE Datasheet HTML 14Page - Mitel Networks Corporation MT8972BE Datasheet HTML 15Page - Mitel Networks Corporation MT8972BE Datasheet HTML 16Page - Mitel Networks Corporation MT8972BE Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MT8971B/72B
9-119
Figure 10 - Data & Line Encoding
Figure 11 - Frame Format - 80 kbit/s (Modes 0, 2, 3, 4, 6)
Figure 12 - Frame Format - 160 kbit/s (Modes 0, 2, 3, 4, 6)
Bits
Data
NRZ Data
Differential
Encoded
Differential
Encoded
Biphase
Transmit
Line Signal
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1100
100
VBias
Note:
Last bit sent was a logic 0
F0
LOUT
B17
SYNC
D0
B10
B11
B12
B13
B14
B15
B16
B17
SYNC
F0
LOUT
SYNC
HK0
D1
D0
B10 B11 B12 B13 B14 B15 B16 B17 B20 B21 B22 B23 B24 B25 B26 B27 SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20