Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASM3P2811B Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce ASM3P2811B
Description  Low Power EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2811B Fiches technique(HTML) 5 Page - ON Semiconductor

  ASM3P2811B Datasheet HTML 1Page - ON Semiconductor ASM3P2811B Datasheet HTML 2Page - ON Semiconductor ASM3P2811B Datasheet HTML 3Page - ON Semiconductor ASM3P2811B Datasheet HTML 4Page - ON Semiconductor ASM3P2811B Datasheet HTML 5Page - ON Semiconductor ASM3P2811B Datasheet HTML 6Page - ON Semiconductor ASM3P2811B Datasheet HTML 7Page - ON Semiconductor ASM3P2811B Datasheet HTML 8Page - ON Semiconductor ASM3P2811B Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ASM3P2811A/B, ASM3P2812A/B, ASM3P2814A/B
http://onsemi.com
5
PACKAGE DIMENSIONS
TSSOP8, 4.4x3
CASE 948AL−01
ISSUE O
E1
E
A2
A1
e
b
D
c
A
TOP VIEW
SIDE VIEW
END VIEW
q1
L1
L
Notes:
(1) All dimensions are in millimeters. Angles in degrees.
(2) Complies with JEDEC MO-153.
SYMBOL
θ
MIN
NOM
MAX
A
A1
A2
b
c
D
E
E1
e
L1
0º
8º
L
0.05
0.80
0.19
0.09
0.50
2.90
6.30
4.30
0.65 BSC
1.00 REF
1.20
0.15
1.05
0.30
0.20
0.75
3.10
6.50
4.50
0.90
0.60
3.00
6.40
4.40



Html Pages

1 2 3 4 5 6 7 8 9