Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5842AP Fiches technique(PDF) 19 Page - Nippon Precision Circuits Inc

No de pièce SM5842AP
Description  High-Class Audio Multi-function Digital Filter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NPC [Nippon Precision Circuits Inc]
Site Internet  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5842AP Fiches technique(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5842AP Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5842AP Datasheet HTML 23Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
SM5842AP/APT
NIPPON PRECISION CIRCUITS—19
Data Input to Output Delay Timing
This is the digital filter arithmetic computation time from the completion of data input at rate fs (tINPUT) on the
rising edge of LRCI to the start of data output at rate 8fs (tOUTPUT) on the falling edge of WCKO.
Table 7. Output delay
CKSLN
SYNCN
Mode
tOUTPUT − tINPUT
LOW (256fs)
LOW
After reset + sync mode
48.625/fs
HIGH
Jitter-free mode
48.25/fs
− 49.0/fs
HIGH (384fs)
LOW
After reset + sync mode
48.75/fs
HIGH
Jitter-free mode
48.375/fs
− 49.125/fs
Figure 10. Delay timing 1
Figure 11. Delay timing 2
48/fs
1/fs
Serial data Input
tINPUT
tOUTPUT Serial data output
tOUTPUT Serial data output
WCKO
(256fs)
WCKO
(384fs)
LRCI
tOUTPUT
tOUTPUT−tINPUT
tINPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23