Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF699 Fiches technique(PDF) 4 Page - Mitel Networks Corporation

No de pièce MF699
Description  Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MF699 Fiches technique(HTML) 4 Page - Mitel Networks Corporation

  MF699 Datasheet HTML 1Page - Mitel Networks Corporation MF699 Datasheet HTML 2Page - Mitel Networks Corporation MF699 Datasheet HTML 3Page - Mitel Networks Corporation MF699 Datasheet HTML 4Page - Mitel Networks Corporation MF699 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
27
MF699 Mechanical Data
Packaging Hardware
LED
PIN DIODE
21
max. 1
1.4
4.1 r0.3
7.89
0.03
0.006
FIBER
END
MATING FERRULE
(not included)
Ø2.5
+0
-0.004
Ø2.502
+0.01
0
3.9
6.8
min. 12
9.6
2-56 UNC - 2B
3/8" - 32 UNEF
20.1
9.53
12.70
1.65
0.46
10.41
14.27
HEX-NUT
WASHER
3/8 - 32 UNEF
2B THREAD
Note: The LED chip is isolated from the case. All dimensions in mm.
Datacom, Video Link, Intra-Office Telecom, WDM Duplex Device
MF699



Html Pages

1 2 3 4 5