| Moteur de recherche de fiches techniques de composants électroniques |
|
GP2021 Fiches technique(PDF) 45 Page - Mitel Networks Corporation |
|
|
|||||||||||||||||||||||||||||
GP2021 Fiches technique(HTML) 45 Page - Mitel Networks Corporation |
|
45 / 62 page ![]() 45 GP2021 Pin No Pin Name Pin Type Input Type Pull Up/Dn O/P Type Tri–State Notes 45 A2 IP TTL none – – 46 A1 / ALE_IP I P TTL/ST2 none – – 3 47 A0 / NRESET_IP IP TTL/ST2 none – – 3 48 D0 I/O TTL none OPT3/OPT6 YES 4, 12 49 D1 I/O TTL none OPT3/OPT6 YES 4, 12 50 D2 I/O TTL none OPT3/OPT6 YES 4, 12 51 D3 I/O TTL none OPT3/OPT6 YES 4, 12 52 D4 I/O TTL none OPT3/OPT6 YES 4, 12 53 D5 I/O TTL none OPT3/OPT6 Y ES 4, 12 54 D6 I/O TTL none OPT3/OPT6 YES 4, 12 55 V DD V DD – – – – 56 V SS V SS – – – – 57 D7 I/O TTL none OPT3/OPT6 YES 4, 12 58 D8 I/O TTL none OPT3/OPT6 YES 4, 12 59 D9 I/O TTL none OPT3/OPT6 YES 4, 12 60 D10 I/O TTL none OPT3/OPT6 YES 4, 12 61 D11 I/O TTL none OPT3/OPT6 YES 4, 12 62 D12 I/O TTL none OPT3/OPT6 YES 4, 12 63 D13 I/O TTL none OPT3/OPT6 YES 4, 12 64 D14 I/O TTL none OPT3/OPT6 YES 4, 12 65 D15 I/O TTL none OPT3/OPT6 YES 4, 12 66 PLL_LOCK IP ST2 none – – 67 V DD V DD – – – – 68 DISCOP OP – – OPT3 YES 69 V SS V SS – – – – 70 CLK_T IP Diff none – – 71 CLK_I IP Diff none – – 72 V SS V SS – – – – 73 SAMPCLK OP – – OP2 No 13 74 V DD V DD – – – – 75 NBRAM / DISCIP4 IP ST2 none – – 76 SIGN0 IP ST2/ST1 none – – 5, 13 77 MAG0 IP ST2/ST1 none – – 5, 13 78 SIGN1 IP ST2/ST1 none – – 5, 13 79 MAG1 IP ST2/ST1 none – – 5, 13 80 DISCIP1 IP ST2 none – – |