| Moteur de recherche de fiches techniques de composants électroniques |
|
CS1124 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CS1124 Fiches technique(HTML) 3 Page - ON Semiconductor |
|
3 / 8 page ![]() CS1124 http://onsemi.com 3 PACKAGE PIN DESCRIPTION PIN # SOIC−8 PIN SYMBOL FUNCTION 1 INAdj External resistor to ground that sets the trip levels of both channels. Functions for both diagnostic and normal mode 2 IN1 Input to channel 1 3 IN2 Input to channel 2 4 GND Ground 5 DIAG Diagnostic mode switch. Normal mode is low 6 OUT2 Output of channel 2 7 OUT1 Output of channel 1 8 VCC Positive 5.0 volt supply input ORDERING INFORMATION Device Package Shipping† CS1124YD8 SOIC−8 NB 96 Units / Rail CS1124YD8G SOIC−8 NB (Pb−Free) 96 Units / Rail CS1124YDR8 SOIC−8 NB 96 Units / Rail CS1124YDR8G SOIC−8 NB (Pb−Free) 96 Units / Rail †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. OUT1 To mP VCC VCC VCC VCC VCC INP1 INAdj DIAG IN1 C1 R1 RRS VRS Variable Reluctance Sensor + − COMP1 Active Clamp RAdj GND Figure 2. Application Diagram |