Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA11 Fiches technique(PDF) 4 Page - Microsemi Corporation

No de pièce SA11
Description  5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SA11 Fiches technique(HTML) 4 Page - Microsemi Corporation

  SA11 Datasheet HTML 1Page - Microsemi Corporation SA11 Datasheet HTML 2Page - Microsemi Corporation SA11 Datasheet HTML 3Page - Microsemi Corporation SA11 Datasheet HTML 4Page - Microsemi Corporation SA11 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSC1400.PDF 03-20-00
SA5.0
thru
SA170A
ELECTRICAL CHARACTERISTICS AT 25
°C
PART
NUMBER
BREAKDOWN
VOLTAGE V(BR)
MIN.
MAX
TEST
CURRENT
IT
RATED
STAND
OFF
VOLTAGE
VWM
MAX. REVERSE
STANDBY
CURRENT
ID @
VWM
MAX.
PEAK
REVERSE
VOLTAGE
VC MAX.
@ IPP
MAX. PEAK
PULSE
CURRENT
IPP
(Figure 2)
MAX.
TEMP.
COEFFICIENT
OF V(BR)
-55
°°°°C TO
175
°°°°C
α
αα
α
V(BR)
VOLTS
VOLTS
mA
VOLTS
µµµµ ADC
VOLTS
AMP
% /
°°°°C
SA78
86.7
106.0
1
78
1
139.0
3.6
.106
SA78A
86.7
95.8
1
78
1
126.0
4.0
.106
SA85
94.4
115.0
1
85
1
151.0
3.3
.106
SA85A
94.4
104.0
1
85
1
137.0
3.6
.106
SA90
100.0
122.0
1
90
1
160.0
3.1
.107
SA90A
100.0
111.0
1
90
1
146.0
3.4
.107
SA100
111.0
136.0
1
100
1
179.0
2.8
.107
SA100A
111.0
123.0
1
100
1
162.0
3.1
.107
SA110
122.0
149.0
1
110
1
196.0
2.6
.107
SA110A
122.0
135.0
1
110
1
177.0
2.8
.107
SA120
133.0
163.0
1
120
1
214.0
2.3
.107
SA120A
133.0
147.0
1
120
1
193.0
2.0
.107
SA130
144.0
176.0
1
130
1
231.0
2.2
.108
SA130A
144.0
159.0
1
130
1
209.0
2.4
.108
SA150
167.0
204.0
1
150
1
268.0
1.9
.108
SA150A
167.0
185.0
1
150
1
243.0
2.1
.108
SA160
178.0
218.0
1
160
1
287.0
1.7
.108
SA160A
178.0
197.0
1
160
1
259.0
1.9
.108
SA170
189.0
231.0
1
170
1
304.0
1.6
.108
SA170A
189.0
209.0
1
170
1
275.0
1.8
.108
Note: For Bi-directional construction, indicate a C or CA suffix after the part number, i.e. SA5.0CA



Html Pages

1 2 3 4 5