| Moteur de recherche de fiches techniques de composants électroniques |
|
SA60 Fiches technique(PDF) 4 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SA60 Fiches technique(HTML) 4 Page - Microsemi Corporation |
|
4 / 5 page ![]() MSC1400.PDF 03-20-00 SA5.0 thru SA170A ELECTRICAL CHARACTERISTICS AT 25 °C PART NUMBER BREAKDOWN VOLTAGE V(BR) MIN. MAX TEST CURRENT IT RATED STAND OFF VOLTAGE VWM MAX. REVERSE STANDBY CURRENT ID @ VWM MAX. PEAK REVERSE VOLTAGE VC MAX. @ IPP MAX. PEAK PULSE CURRENT IPP (Figure 2) MAX. TEMP. COEFFICIENT OF V(BR) -55 °°°°C TO 175 °°°°C α αα α V(BR) VOLTS VOLTS mA VOLTS µµµµ ADC VOLTS AMP % / °°°°C SA78 86.7 106.0 1 78 1 139.0 3.6 .106 SA78A 86.7 95.8 1 78 1 126.0 4.0 .106 SA85 94.4 115.0 1 85 1 151.0 3.3 .106 SA85A 94.4 104.0 1 85 1 137.0 3.6 .106 SA90 100.0 122.0 1 90 1 160.0 3.1 .107 SA90A 100.0 111.0 1 90 1 146.0 3.4 .107 SA100 111.0 136.0 1 100 1 179.0 2.8 .107 SA100A 111.0 123.0 1 100 1 162.0 3.1 .107 SA110 122.0 149.0 1 110 1 196.0 2.6 .107 SA110A 122.0 135.0 1 110 1 177.0 2.8 .107 SA120 133.0 163.0 1 120 1 214.0 2.3 .107 SA120A 133.0 147.0 1 120 1 193.0 2.0 .107 SA130 144.0 176.0 1 130 1 231.0 2.2 .108 SA130A 144.0 159.0 1 130 1 209.0 2.4 .108 SA150 167.0 204.0 1 150 1 268.0 1.9 .108 SA150A 167.0 185.0 1 150 1 243.0 2.1 .108 SA160 178.0 218.0 1 160 1 287.0 1.7 .108 SA160A 178.0 197.0 1 160 1 259.0 1.9 .108 SA170 189.0 231.0 1 170 1 304.0 1.6 .108 SA170A 189.0 209.0 1 170 1 275.0 1.8 .108 Note: For Bi-directional construction, indicate a C or CA suffix after the part number, i.e. SA5.0CA |