| Moteur de recherche de fiches techniques de composants électroniques |
|
HT17-271 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HT17-271 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() Product Datasheet www.Applied-Motion.com HT17-271 NEMA 17 High Torque Step Motor 1pc. - 37.00 50pc. - 27.75 Product Features 2-phase hybrid step motor High torque design Standard NEMA 17 dimensions Series or parallel wiring Applied Motion Products, Inc. 404 Westridge Dr. Watsonville, CA 95076, USA 1-800-525-1609 Tel (831) 761-6555 Fax (831) 761- 6544 Product Description: The HT17-271 two-phase stepper motor is suitable for a wide range of motion control applications. Terminated with 8 motor leads, the motor can be connected in a few different ways, including bipolar series and bipolar parallel. The single and double-shaft versions of this motor are UL Recognized in the US and Canada, file no. E472271. The encoder is not included in the listing. Description |
Numéro de pièce similaire - HT17-271 |
|
Description similaire - HT17-271 |