| Moteur de recherche de fiches techniques de composants électroniques |
|
PRF18BE471RB1RB Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PRF18BE471RB1RB Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
|
1 / 3 page ![]() Product Search Data Sheet PRF18BE471RB1RB Appearance & Shape Packaging Information Packaging Specifications Minimum Order Quantity RB 180mm Paper Tape 4000 Features 1. SMD type is helpful for miniaturizing circuits because of its small size and light weight. 2. Excellent thermal response due to small size 3. Solid- state construction provides excellent resistance to mechanical vibration and impact resistance. 4. Contactless operation provides noiseless operation. 1 of 3 Atten ti o n 1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.T his datasheet has only typical specifications because there is no space for detailed specifications. T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last : updated 2015/12/07 |
Numéro de pièce similaire - PRF18BE471RB1RB |
|
Description similaire - PRF18BE471RB1RB |