| Moteur de recherche de fiches techniques de composants électroniques |
|
MAD1107 Fiches technique(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
MAD1107 Fiches technique(HTML) 1 Page - Microsemi Corporation |
|
|
1 / 1 page ![]() MSC0913.PDF ISO 9001 CERTIFIED REV H 7/06/2000 8700 E. Thomas Road Scottsdale, AZ 85251 Tel: (480) 941-6300 Fax (480) 947-1503 FEATURES • Dual 8 Diode Array • Standard 14 pin Dual-In-Line Package • UL 94V-0 Flammability Classification MECHANICAL • Molded 14 Pin Dip • Weight: 0.997 grams (approximate) • Marking: Logo, device number, date code • Pin #1 defined by DOT on top of package MAXIMUM RATINGS • Operating Temperatures: -55 0C to +1500C • Storage Temperature: -55 0C to +1500C • Forward Surge Current: 2.0 Amps (8.3 mS) • Minimum Breakdown Voltage V(BR): 90V • Working Peak Reverse Voltage VRWM: 75V • Continuous forward current IF: 400 mA • Power dissipation (PD): 500 mW • Derating factor: 4.0 mW/ °C PACKAGING • Carrier tube 25 pcs per (STANDARD) ELECTRICAL CHARACTERISTICS @ 25 0C Unless otherwise specified V(BR) @100µA V VRWM V IR +25ºC µA IR +150ºC µA CAP @0V pF VF @If = 10mA V VF @If = 100mA V Part Number MIN MAX MAX @ VR MAX @ VR MAX MAX MAX MAD1107 90 75 .200 20 .300 20 4.0 1.00 1.20 MAD1107 Switching Diode Array CIRCUIT DIAGRAM |
Numéro de pièce similaire - MAD1107 |
|
Description similaire - MAD1107 |