| Moteur de recherche de fiches techniques de composants électroniques |
|
LX6431CLP Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LX6431CLP Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 11 page ![]() P RECISION P ROGRAMMABLE R EFERENCE S LX6431/LX6431A/LX6431B PRODUCT DA T ABOOK 1996/1997 Copyright © 1999 Rev. 1.4 6/99 2 P RODUCTION D AT A S HEET ABSOLUTE MAXIMUM RATINGS (Note 1) Cathode to Anode Voltage (V KA) ................................................................... -0.3V to 37V Reference Input Current (I REF) .................................................................... -50µA to 10µA Continuous Cathode Current (I K) ......................................................... -100mA to 150mA Operating Junction Temperature Plastic (DM & LP Packages) ................................................................................. 150°C Storage Temperature Range ...................................................................... -65°C to 150°C Lead Temperature ..................................................................................................... 300°C PACKAGE PIN OUTS CATHODE N.C. ANODE N.C. 1 8 2 7 3 6 4 5 REF ANODE ANODE N.C. DM PACKAGE (Top View) LP PACKAGE (Top View) 1. CATHODE 2. ANODE 3. REF Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. Pin numbers refer to DIL packages only. DM PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 165°C/W LP PACKAGE: THERMAL RESISTANCE-JUNCTION TO AMBIENT, θθθθθ JA 156°C/W Junction Temperature Calculation: T J = TA + (PD x θJA). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow THERMAL DATA BLOCK DIAGRAM Cathode (K) Anode (A) V REF Ref (R) |