Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX5243 Fiches technique(PDF) 21 Page - ON Semiconductor

No de pièce AX5243
Description  Advanced high performance ASK
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX5243 Fiches technique(HTML) 21 Page - ON Semiconductor

Back Button AX5243 Datasheet HTML 17Page - ON Semiconductor AX5243 Datasheet HTML 18Page - ON Semiconductor AX5243 Datasheet HTML 19Page - ON Semiconductor AX5243 Datasheet HTML 20Page - ON Semiconductor AX5243 Datasheet HTML 21Page - ON Semiconductor AX5243 Datasheet HTML 22Page - ON Semiconductor AX5243 Datasheet HTML 23Page - ON Semiconductor AX5243 Datasheet HTML 24Page - ON Semiconductor AX5243 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Specifications
www.onsemi.com
AX5243
21
Receiver and Transmitter Settling Phases
SYMBOL
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Txtal
XTAL settling time
Powermodes:
POWERDOWN to STANDBY
Note that Txtal depends on the
specific crystal used.
0.5
ms
Tsynth
Synthesizer settling time
Powermodes:
STANDBY to SYNTHTX or
SYNTHRX
40
μs
Ttx
TX settling time
Powermodes:
SYNTHTX to FULLTX
Ttx is the time used for power
ramping, this can be
programmed to be 1 x tbit, 2 x
tbit, 4 x tbit or 8 x tbit.
Note 1, 2
0
1 x tbit
8 x tbit
μs
Trx_init
RX initialization time
150
μs
Trx_rssi
RX RSSI acquisition time
(after Trx_init)
Powermodes:
SYNTHRX to FULLRX
Modulation (G)FSK
Note 1, 2
80
+
3 x tbit
μs
Trx_preamble
RX signal acquisition time
to valid data RX at full
sensitivity/selectivity
(after Trx_init)
9 x tbit
Notes
1.
tbit depends on the datarate, e.g. for 10 kbps tbit = 100 μs
2.
In wire mode there is a processing delay of typically 6 x tbit between antenna and DCLK/DATA pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65