| Moteur de recherche de fiches techniques de composants électroniques |
|
FS36-065 Fiches technique(PDF) 1 Page - TRIAD MAGNETICS |
|
|
|||||||||||||||||||||||||||||
FS36-065 Fiches technique(HTML) 1 Page - TRIAD MAGNETICS |
|
|
1 / 1 page ![]() P O W E R T R A N S F O R M E R P C M O U N T : SPLIT PACK Web: www.TriadMagnetics.com Phone 951-277-0757 Fax 951-277-2757 460 Harley Knox Blvd. Perris, California 92571 Publish Date: January 31, 2014 FS36-065 Description: The FS36-065 is a dual primary and dual secondary, split bobbin design which operates with either a parallel input of 115V or a series input of 230V. The output voltage will be either 36.0V with a center-tap under a 0.065A load with the secondaries wired in series, or 18.0V under a 0.13A load with the secondaries wired in parallel. The split bobbin design eliminates the need for costly electrostatic shielding. Electrical Specifications (@25C) 1. Maximum Power: 2.5VA 2. Primary: Series: 230V; Parallel: 115V 3. Secondary: Series: 36.0V CT@ 0.065A; Parallel: 18.0V @ 0.13A 4. Voltage Regulation: 25% TYP @ full load to no load 5. Temperature Rise: 25C TYP 6. Hipot tested 100% at 2500 VRMS Construction: Three flange bobbin construction with primaries and secondaries wound side by side for low capacitive coupling. Agency File: UL: File E53148, UL 5085-2 (506), Class B General Purpose Transformer, cUL: File E53148, UL 5085-2 (506), Class B General Purpose Transformer, Canadian Use (CSA 22.2, No.66.2-06) This model is also available in Class 3, UL 5085-3 (1585) version as FS36-065-C2 Dimensions: Units in inches. H W L A B C D E F 1.187 1.125 1.375 0.250 0.250 1.200 0.041 0.020 0.234 Weight: 0.25 lbs Schematic: 1 2 3 4 8 7 6 5 115/230V 50/60Hz 1 2 3 4 115/230V 50/60Hz PARALLEL 1 2 3 4 115/230V 50/60Hz SERIES RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as the RoHS initiative. As of April 7, 2008, UL standards 506 and 1585 will be migrated to UL 5085-2 and 5085-3, respectively. * Upon printin g, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version. 1 2 3 4 L H W E A B A C 0.06" DIAMETER HOLE D F 1 5 8 4 Board Layout |
Numéro de pièce similaire - FS36-065 |
|
Description similaire - FS36-065 |