| Moteur de recherche de fiches techniques de composants électroniques |
|
1N751ATR Fiches technique(PDF) 1 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
1N751ATR Fiches technique(HTML) 1 Page - Microsemi Corporation |
|
1 / 3 page ![]() Silicon 500 mW Zener Diodes Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright 2003 10-31-2003 REV B SCOTTSD A L E DIVISION 1N746 thru 1N759A, -1 and 1N4370 thru 1N4372A, -1 DO-35 FEATURES APPLICATIONS / BENEFITS • JEDEC registered 1N746 thru 1N759A and 1N4370 thru 1N4372A series • Internal metallurgical bond option available by adding a “-1” suffix • Also available in JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/127 by adding the JAN, JANTX, or JANTXV prefixes to part numbers for desired level of screening as well as –1” suffix; (e.g. JANTX1N751A-1, JANTXV1N758C-1, etc.) • Military Surface Mount equivalents also available in DO-213AA by adding a UR-1 suffix in addition to the JAN, JANTX, and JANTXV prefix; e.g. JANTX1N962BUR-1 (see separate data sheet) • Commercial Surface Mount equivalents available as MLL746 to MLL759A and MLL4370 to MLL4372A including the “-1” suffix in the DO-213AA MELF style package (consult factory for others) • DO-7 glass body axial-leaded Zener equivalents are also available • Regulates voltage over a broad operating current and temperature range • Selection from 2.4 to 12 V • Standard voltage tolerances are plus/minus 5% with A suffix identification and 10 % with no suffix • Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively • Flexible axial-lead mounting terminals • Nonsensitive to ESD per MIL-STD-750 Method 1020 • Minimal capacitance (see Figure 3) • Inherently radiation hard as described in Microsemi MicroNote 050 MAXIMUM RATINGS MECHANICAL AND PACKAGING • Operating and Storage temperature: -65ºC to +175ºC • Thermal Resistance: 250 ºC/W junction to lead at 3/8 (10 mm) lead length from body, or 310 ºC/W junction to ambient when mounted on FR4 PC board (1 oz Cu) with 4 mm 2 copper pads and track width 1 mm, length 25 mm • Steady-State Power: 0.5 watts at TL < 50oC 3/8 inch (10 mm) from body or 0.48 W at TA < 25 ºC when mounted on FR4 PC board as described for thermal resistance above (also see Figure1) • Forward voltage @200 mA: 1.1 volts • Solder Temperatures: 260 ºC for 10 s (max) • CASE: Hermetically sealed axial-lead glass DO-35 (DO-204AH) package • TERMINALS: Leads, tin-lead plated solderable per MIL-STD-750, method 2026 • POLARITY: Cathode indicated by band. Diode to be operated with the banded end positive with respect to the opposite end for Zener regulation • MARKING: Part number • TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number) • WEIGHT: 0.2 grams • See package dimensions on last page DESCRIPTION APPEARANCE The popular 1N746 thru 1N759A and 1N4370 thru 1N4372A series of 0.5 watt Zener Voltage Regulators provides a selection from 2.4 to 12 volts in standard 5% or 10% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These glass axial-leaded DO-35 Zeners are also available with an internal-metallurgical-bond option by adding a “-1” suffix. These are also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications. DO-35 (DO-204AH) IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com |
Numéro de pièce similaire - 1N751ATR |
|
Description similaire - 1N751ATR |