Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AND-TFT-35VX-LED Fiches technique(PDF) 5 Page - Purdy Electronics Corporation

No de pièce AND-TFT-35VX-LED
Description  TFT LCD Color Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PURDY [Purdy Electronics Corporation]
Site Internet  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-35VX-LED Fiches technique(HTML) 5 Page - Purdy Electronics Corporation

  AND-TFT-35VX-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-35VX-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-35VX-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-35VX-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND-TFT-35VX-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND-TFT-35VX-LED Datasheet HTML 6Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
05/26/11
5
TFT LCD Color Module
Item
Symbol
Specifications
Unit
Remark
Min.
Typ.
Max.
Terminal Resistance
X
100
900
Ω
Y
100
900
Ω
Input Voltage
Vt
50
7.0
V
Linearity (X, Y Direction)
±1.5
%
Insulation Impedance
20
DC 25V
Response Time
5
ms
Operation Force
35
g
Note 1
Note 1: Input through 0.8R stylus or finger.
Touch Panel Characteristics - Electrical Performance (Ta = 25ºC)
Pin
Symbol
Function
1
XL
Upper Electrode X (Left Side)
2
YU
Lower Electrode (Upper Side)
3
XR
Upper Electrode X (Right Side)
4
YD
Lower Electrode (Down Side)
Touch Panel Characterisitcs - Pin Assignment
Parameter
Symbol
Condition
Specifications
Unit
Typ.
Max.
Supply Current for Gate Driver (Hi Level)
IGG
VGG = +17V
0.12
0.15
mA
Supply Current for Gate Driver (Low Level)
IEE
VEE = -10V
0.15
0.19
mA
Supply Current for Source Driver (Digital)
IDD1
VDD1 = +3.3V
4.8
8.0
mA
Supply Current for Source Driver (Analog)
IDD2
VDD2 = +10V
16.0
30.0
mA
Supply Current for Gate Driver (Digital)
ICC
VCC = +3.3V
0.17
0.21
mA
LCD Panel Power Consumption
180
332
mW
Backlight Power Consumption
PLED
384
456
mW
Total Power Consumption
564
788
mW
Power Consumption
AND-TFT-35VX-LED



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com