| Moteur de recherche de fiches techniques de composants électroniques |
|
2N2324AS Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
2N2324AS Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 2 page ![]() 2N2323, A, AS, S; 2N2324, A, AS, S; 2N2326, A, AS, S; 2N2328, A, AS, S; 2N232, S JAN SERIES ELECTRICAL CHARACTERISTICS (con’t) Characteristics Symbol Min. Max. Unit Forward Blocking Current R2 = 1 k Ω 2N2323 thru 2N2329 2N2323S thru 2N2329S R2 = 2 k Ω 2N2323A thru 2N2328A 2N2323AS thru 2N2328AS VR = 50 Vdc 2N2323, S, A, AS VR = 100 Vdc 2N2324, S, A, AS VR = 200 Vdc 2N2326, S, A, AS VR = 300 Vdc 2N2328, S, A, AS VR = 400 Vdc 2N2329, S IFBX1 10 µAdc Reverse Gate Current VKG = 6 Vdc IKG 200 µAdc Gate Trigger Voltage and Current V2 = VFBX = 6 Vdc; RL = 100 Ω Re = 1 k Ω 2N2323 thru 2N2329 and 2N2323S thru 2N2329S Re = 2 k Ω 2N2323A thru 2N2328A and 2N2323AS thru 2N2328AS VGT1 IGT1 VGT1 IGT1 0.35 0.35 0.80 200 0.60 20 Vdc µAdc Vdc µAdc SUBGROUP 4 TESTING Exponential Rate of Voltage Rise TA = 125 0C 50 Ω ≤ R L ≤ 400 Ω, C = 0.1 to 1.0 µF, repetition rate = 60 pps, test duration = 15 seconds dv/dt = 1.8 v/ µs, R 3 = 1 k Ω 2N2323 thru 2N2329 and 2N2323S thru 2N2329S dv/dt = 0.7 v/ µs, R 3 = 2 k Ω 2N2323A thru 2N2328A and 2N2323AS thru 2N2328AS VAA = 50 Vdc 2N2323, S, A, AS VAA = 100 Vdc 2N2324, S, A, AS VAA = 200 Vdc 2N2326, S, A, AS VAA = 300 Vdc 2N2328, S, A, AS VAA = 400 Vdc 2N2329, S VFBX 47 95 190 285 380 Vdc Forward “on” Voltage iFM = 4a (pk) (pulse), pulse width = 8.5 ms, max; duty cycle = 2% max VFM 2.2 V(pk) Holding Current VAA = 24 Vdc max, IF1 = 100 mAdc, IF2 = 10 mAdc Gate trigger source voltage = 6 Vdc, trigger pulse width = 25 µs min., R 2 = 330 Ω R3 = 1 k Ω 2N2323 thru 2N2329 and 2N2323S thru 2N2329S R3 = 2 k Ω 2N2323A thru 2N2328A and 2N2323AS thru 2N2328AS IHOX 2.0 mAdc 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |