Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE44921 Fiches technique(PDF) 3 Page - Pasternack Enterprises, Inc.

No de pièce PE44921
Description  SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .150 inch Pin Length
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44921 Fiches technique(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44921 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44921 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44921 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2014 Pasternack Enterprises All Rights Reserved
3
PE44921 REV 1.0
SMP Male Full Detent Hermetically Sealed Connector Solder
Attachment Solder Mount Pin Terminal .150 inch Pin Length
PE44921
CAD Drawing



Html Pages

1 2 3