| Moteur de recherche de fiches techniques de composants électroniques |
|
CSTCE20M0V51-R0 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CSTCE20M0V51-R0 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
|
1 / 3 page ![]() Product Search Data Sheet CSTCE20M0V51-R0 Appearance & Shape Applications Other Usage Consumer/Industrial Packaging Information Packaging Specifications Minimum Order Quantity -R0 180mm Embossed Tape 3000 Features MURATA's package technology expertise has enabled the development of the Chip CERALOCK(R) with built-in load capacitors. High-density mounting can be realized because of the small package and the elimination of the need for an external load capacitor. Features 1. Oscillation circuits do not require external load capacitors. 2. Available in a wide frequency range. 3. Extremely small and have a low profile. 4. No adjustment is necessary for oscillation circuits. 1 of 3 Atten ti o n 1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.T his datasheet has only typical specifications because there is no space for detailed specifications. T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last : updated 2015/11/25 |
Numéro de pièce similaire - CSTCE20M0V51-R0 |
|
Description similaire - CSTCE20M0V51-R0 |