Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REF102AU/2K5 Fiches technique(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
No de pièce REF102AU/2K5
Description  10V Precision Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

REF102AU/2K5 Fiches technique(HTML) 15 Page - Texas Instruments

Back Button REF102AU/2K5 Datasheet HTML 11Page - Texas Instruments REF102AU/2K5 Datasheet HTML 12Page - Texas Instruments REF102AU/2K5 Datasheet HTML 13Page - Texas Instruments REF102AU/2K5 Datasheet HTML 14Page - Texas Instruments REF102AU/2K5 Datasheet HTML 15Page - Texas Instruments REF102AU/2K5 Datasheet HTML 16Page - Texas Instruments REF102AU/2K5 Datasheet HTML 17Page - Texas Instruments REF102AU/2K5 Datasheet HTML 18Page - Texas Instruments REF102AU/2K5 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
REF102AU/2K5
SOIC
D
8
2500
367.0
367.0
35.0
REF102CU/2K5
SOIC
D
8
2500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20