Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSASC150H45LR Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce MSASC150H45LR
Description  LOW VOLTAGE DROP SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSASC150H45LR Fiches technique(HTML) 2 Page - Microsemi Corporation

  MSASC150H45LR Datasheet HTML 1Page - Microsemi Corporation MSASC150H45LR Datasheet HTML 2Page - Microsemi Corporation MSASC150H45LR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Reverse (Leakage)
IR25
VR= 45 Vdc, Tc= 25
°C
1
10
mA
Current
IR100
VR= 45 Vdc, Tc= 100
°C
125
300
mA
IR125
VR= 45 Vdc, Tc= 125
°C
500
mA
Forward Voltage
VF1
IF= 20A, Tc= 25
°C
340
370
mV
pulse test,
VF2
IF= 50A, Tc= 25
°C
410
450
mV
pw= 300
µs
VF3
IF= 100A, Tc= 25
°C
475
530
mV
d/c
≤2%
VF4
IF= 150A, Tc= 25
°C
540
600
mV
VF5
IF= 200A, Tc= 25
°C
600
mV
VF6
IF= 50A, Tc= -55
°C
470
550
mV
VF7
IF= 50A, Tc= 125
°C
315
380
mV
VF8
IF= 100A, Tc= 125
°C
415
mV
VF9
IF= 150A, Tc= 100
°C
515
mV
VF10
IF= 10 mA, Tc= 25
°C
135
-
mV
VF11
IF= 50 mA, Tc= 25
°C
175
-
mV
VF12
IF= 100 mA, Tc= 25
°C
195
-
mV
Junction Capacitance
Cj1
VR= 10 Vdc
4500
4900
pF
Cj2
VR= 5 Vdc
6400
pF
Breakdown Voltage
BVR
IR= 5 mA, Tc= 25
°C
55
V
IR= 5 mA, Tc= -55
°C
45
50
V
Typical VF data, msasc150h45
406
474
517
535
594
652
338
432
488
514
310
415
250
300
350
400
450
500
550
600
650
50
70
90
110
130
150
170
190
210
230
250
IF (A)
25C
100C
125C
Electrical Parameters
1N6821 (MSASC150H45L)
1N6821R (MSASC150H45LR)



Html Pages

1 2 3