Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTCE9M83G52-R0 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTCE9M83G52-R0
Description  no adjustment is necessary for os cillation circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE9M83G52-R0 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CSTCE9M83G52-R0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSTCE9M83G52-R0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSTCE9M83G52-R0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CSTCE9M83G52-R0
Appearance & Shape
Applications
Other Usage
Consumer/Industrial
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
180mm Embossed Tape
3000
Features
MURATA's package technology expertise has enabled the
development of the Chip CERALOCK(R) with built-in load
capacitors. High-density mounting can be realized because of the
small package and the elimination of the need for an external load
capacitor.
Features
1. Oscillation circuits do not require external load capacitors.
2. Available in a wide frequency range.
3. Extremely small and have a low profile.
4. No adjustment is necessary for oscillation circuits.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2015/11/25


Numéro de pièce similaire - CSTCE9M83G52-R0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTCE9M83G52-R0 MURATA1-CSTCE9M83G52-R0 Datasheet
396Kb / 2P
Crystal Units/MEMS Resonators
02/28/2024
CSTCE9M83G52-R0 MURATA1-CSTCE9M83G52-R0_V01 Datasheet
396Kb / 2P
Crystal Units/MEMS Resonators
02/28/2024
More results

Description similaire - CSTCE9M83G52-R0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTCC3M00G56Z-R0 MURATA-CSTCC3M00G56Z-R0 Datasheet
181Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M45G56-R0 MURATA-CSTCC3M45G56-R0 Datasheet
181Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M58G56A-B0 MURATA-CSTCC3M58G56A-B0 Datasheet
182Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M64G56Z-R0 MURATA-CSTCC3M64G56Z-R0 Datasheet
183Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC3M84G53-R0 MURATA-CSTCC3M84G53-R0 Datasheet
180Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCC8M00G53A-B0 MURATA-CSTCC8M00G53A-B0 Datasheet
191Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE10M0G52Z-B0 MURATA-CSTCE10M0G52Z-B0 Datasheet
184Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE10M0G55Z-R0 MURATA-CSTCE10M0G55Z-R0 Datasheet
183Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE11M6G55-R0 MURATA-CSTCE11M6G55-R0 Datasheet
183Kb / 3P
no adjustment is necessary for os cillation circuits
CSTCE12M0G15C99-R0 MURATA-CSTCE12M0G15C99-R0 Datasheet
182Kb / 3P
no adjustment is necessary for os cillation circuits
More results


Html Pages

1 2 3