Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A25LS512A Fiches technique(PDF) 3 Page - AMIC Technology

No de pièce A25LS512A
Description  512Kbit Low Voltage, Serial Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMICC [AMIC Technology]
Site Internet  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LS512A Fiches technique(HTML) 3 Page - AMIC Technology

  A25LS512A Datasheet HTML 1Page - AMIC Technology A25LS512A Datasheet HTML 2Page - AMIC Technology A25LS512A Datasheet HTML 3Page - AMIC Technology A25LS512A Datasheet HTML 4Page - AMIC Technology A25LS512A Datasheet HTML 5Page - AMIC Technology A25LS512A Datasheet HTML 6Page - AMIC Technology A25LS512A Datasheet HTML 7Page - AMIC Technology A25LS512A Datasheet HTML 8Page - AMIC Technology A25LS512A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
A25LS512A Series
(November, 2014, Version 1.1)
2
AMIC Technology Corp.
Pin Configurations (Continued)
TSSOP8 Connections
USON8/WSON8 Connections
V
CC
C
S
W
HOLD
V
SS
1
8
2
7
3
6
4
5
DO
DIO
A25LS512A
V
CC
C
DO
DIO
S
W
HOLD
V
SS
1
2
3
4
8
7
6
5
A25LS512A
Block Diagram
Control Logic
High Voltage
Generator
I/O Shift Register
Address register
and Counter
256 Byte
Data Buffer
Status
Register
X Decoder
256 Byte (Page Size)
Size of the
memory area
DIO
DO
C
000FFh
00000h
HOLD
W
S
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43