Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4128AMF-3.3/NOPB Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4128AMF-3.3/NOPB
Description  SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4128AMF-3.3/NOPB Fiches technique(HTML) 27 Page - Texas Instruments

Back Button LM4128AMF-3.3/NOPB Datasheet HTML 23Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 24Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 25Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 26Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 27Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 28Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 29Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 30Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM4128DQ1MFX1.8/NOP
B
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM4128DQ1MFX2.0/NOP
B
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM4128DQ1MFX2.5/NOP
B
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM4128DQ1MFX3.0/NOP
B
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM4128DQ1MFX3.3/NOP
B
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LM4128DQ1MFX4.1/NOP
B
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM4128AMF-1.8/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM4128AMF-2.0/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM4128AMF-2.5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM4128AMF-3.0/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM4128AMF-3.3/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM4128AMF-4.1/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LM4128AMFX-1.8/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33