Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

04M0WC Fiches technique(PDF) 1 Page - Microsemi Corporation

No de pièce 04M0WC
Description  100V 300mA MONOLITHIC DIODE ARRAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

04M0WC Fiches technique(HTML) 1 Page - Microsemi Corporation

  04M0WC Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A Microsemi Company
580 Pleasant St.
Phone: 617-924-9280
Watertown, MA 02472
Fax:
617-924-1235
DIE SPECIFICATION
100V 300mA
MONOLITHIC DIODE ARRAY
5
FEATURES:
• INDIVIDUAL DIODES EQUIVALENT TO 1N4148
• Vf MATCH TO 5 mV at 10 mA
• ULTRA-HIGH SPEED SWITCHING
• QUAD ISOLATED DIODES
Symbol
Parameter
Limit
Unit
VBR(R) *1 *2 Reverse Breakdown Voltage
100
Vdc
IO
*1
Continuous Forward Current
300
mAdc
IFSM
*1 Peak Surge Current (tp= 1/120 s)
500
mAdc
Top
Operating Junction Temperature Range
-65 to +150 °C
Tstg
Storage Temperature Range
-65 to +200 °C
NOTE 1: Each Diode
NOTE 2: Pulsed: PW = 100ms max.; duty cycle < 20%
Symbol
Parameter
Conditions
Min
Max
Unit
BV1
Breakdown Voltage
IR = 100uAdc
100
BV2
Breakdown Voltage
IR = 5uAdc
75
Vf1
Forward Voltage
IF = 100mAdc
*1
1
Vdc
IR1
Reverse Current
VR = 40 Vdc
0.1
uAdc
IR2
Reverse Current
VR = 20 Vdc
25
nAdc
Ct
Capacitance (pin to pin)
VR = 0 Vdc; f = 1 MHz
4.0
pF
tfr
Forward Recovery Time
IF = 100mAdc
15
ns
trr
Reverse Recovery Time
IF = IR = 10mAdc, irr = 1 mAdc, RL = 100 ohms
5
ns
VF5
Forward Voltage Match
IF = 10 mA
5
mV
NOTE 1: Pulsed: PW = 300us +/- 50us, duty cycle < 2%, 90us after leading edge
Sertech reserves the right to make changes to any product design, specification or other
information at any time without prior notice.
MSC1023.PDF Rev - 11/25/98
Packaging Options:
W:
Wafer (100% probed)
U: Wafer
(sample probed)
D:
Chip (Waffle Pack)
B: Chip (Vial)
Metallization Options:
Standard: Al Top
/ Au Backside
(No Dash #)
Processing Options:
Standard:
Capable of JANTXV application
(No Suffix)
Suffix C:
Commercial
ORDERING INFORMATION
PART #: 04M0_ _- _
First Suffix Letter: Packaging Option
Second Suffix Letter: Processing Option
Dash #: Metallization Option
Electrical Characteristics (Per Diode) @ 25°C unless otherwise
specified
04M0
.049"
.023"
C
C
C
A
A
A
A
C
Absolute Maximum Ratings:


Numéro de pièce similaire - 04M0WC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
04M1003SPC3 VISHAY-04M1003SPC3 Datasheet
132Kb / 6P
NTC Thermistors Coated
22-Sep-04
04M1503FF VISHAY-04M1503FF Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
04M1503FP VISHAY-04M1503FP Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
04M1503JF VISHAY-04M1503JF Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
04M1503JP VISHAY-04M1503JP Datasheet
91Kb / 5P
NTC Thermistors, Radial Leaded and Coated
24-Sep-15
More results

Description similaire - 04M0WC

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
16M0 MICROSEMI-16M0 Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
1N5770 MICROSEMI-1N5770 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5772 MICROSEMI-1N5772 Datasheet
22Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5774 MICROSEMI-1N5774 Datasheet
23Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6100 MICROSEMI-1N6100 Datasheet
19Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6506 MICROSEMI-1N6506 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6509 MICROSEMI-1N6509 Datasheet
24Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6511 MICROSEMI-1N6511 Datasheet
21Kb / 1P
MONOLITHIC AIR ISOLATED DIODE ARRAY
28M0 MICROSEMI-28M0 Datasheet
18Kb / 1P
60V 300mA MONOLITHIC DIODE ARRAY
logo
American Microsemicondu...
FSA2510P AMMSEMI-FSA2510P Datasheet
468Kb / 1P
Monolithic Diode Array
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com