Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

66191 Fiches technique(PDF) 1 Page - Micropac Industries

No de pièce 66191
Description  PROTON RADIATION TOLERANT OPTOCOUPLER (Single Channel, Electrical EQUIVALENT TO 66099)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROPAC [Micropac Industries]
Site Internet  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66191 Fiches technique(HTML) 1 Page - Micropac Industries

  66191 Datasheet HTML 1Page - Micropac Industries 66191 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
5 - 40
66191
PROTON RADIATION TOLERANT OPTOCOUPLER
(Single Channel, Electrical EQUIVALENT TO 66099)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
REVISION A
7/14/00
Features:
Current transfer ratio: 150% typical
Base lead provided for conventional transistor
biasing
Low power consumption
High radiation immunity
1000 Vdc isolation test voltage
Applications:
Military and Space
High Reliability Systems
Voltage Level Shifting
Isolated Receiver Inputs
Communication Systems
DESCRIPTION
Radiation tests performed on the 66099 optocoupler have shown that the electrical performance of the device after irradiation
is an order of magnitude better than the 4N49 optocouplers. The 66191 has the same components and layout in a 6 pin,
hermetically sealed leadless chip carrier package. Figures 1 and 2 from the 66099 data sheet illustrate the radiation
performance of the device
ABSOLUTE MAXIMUM RATINGS (ta = 25°C unless otherwise noted)
Storage Temperature..........................................................................................................................................-55
°C to +150°C
Operating Free-Air Temperature Range.............................................................................................................-55
°C to +100°C
Lead Solder Temperature (10 seconds max)......................................................................................................................240
°C
Input to output Isolation Voltage.........(see Note 1)...........................................................................................................+1kVdc
* Input Diode
Peak Forward Input Current................................................................. .............................................................................. 50mA
Reverse Input Voltage...............................................................................................................................................................7V
Input Power Dissipation.......................(see Note 2)............................................................................................................80mW
*Output Photodetector
Continuous Collector Current................... ...........................................................................................................................50mA
Collector-Emitter Voltage........................................................................................................................................................40V
Emitter-Collector Voltage.......................................................................................................................................................... 5V
Collector-Base Voltage............................................................................................................................................................40V
Power Dissipation...............................(see Note 3)...........................................................................................................300mW
Notes:
1. Measured with input diode leads shorted together and output leads shorted together
2. Derate linearly 0.80mW/
°C above 25°C.
3. Derate linearly 3.0mW/
°C above 25°C.
Package Dimensions
Schematic Diagram
PIN 1
IDENTIFIER
2
1
6
5
4
3
0.253 [6.42]
0.237 [6.01]
0.087 [2.22]
0.071 [1.81]
0.036 [0.91]
0.020 [0.51]
0.113 [2.87]
0.097 [2.46]
0.098 [2.49]
0.082 [2.08]
0.078 [1.99]
0.062 [1.58]
0.045 [1.14]
0.055 [1.40]
0.178 [4.52]
0.162 [4.11]
1
6
3
5
4
B
E
C


Numéro de pièce similaire - 66191

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
66191066 VISHAY-66191066 Datasheet
75Kb / 4P
PTC Thermistors, Overload Protection For Telecommunication
10-Oct-03
More results

Description similaire - 66191

FabricantNo de pièceFiches techniqueDescription
logo
Micropac Industries
66099 MICROPAC-66099 Datasheet
87Kb / 2P
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
66168 MICROPAC-66168 Datasheet
86Kb / 2P
PROTON RADIATION TOLERANT OPTOCOUPLER (Pin-for-Pin Replacement for 4N49)
66183 MICROPAC-66183 Datasheet
86Kb / 2P
PROTON RADIATION TOLERANT OPTOCOUPLER(Single Channel, Electrically Similar to 4N49)
66212 MICROPAC-66212 Datasheet
52Kb / 2P
Designed to be proton radiation tolerant
66293 MICROPAC-66293 Datasheet
184Kb / 3P
PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
logo
Skyworks Solutions Inc.
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com