| Moteur de recherche de fiches techniques de composants électroniques |
|
AR0331 Fiches technique(PDF) 21 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0331 Fiches technique(HTML) 21 Page - ON Semiconductor |
|
21 / 72 page ![]() AR0331_DS Rev. L Pub. 5/15 EN 20 ©Semiconductor Components Industries, LLC, 2015. AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor Pixel Output Interfaces Figure 11: Timing Diagram DLL Timing Adjustment The specification includes a DLL to compensate for differences in group delay for each data lane. The DLL is connected to the clock lane and each data lane, which acts as a control master for the output delay buffers. Once the DLL has gained phase lock, each lane can be delayed in 1/8 unit interval (UI) steps. This additional delay allows the user to increase the setup or hold time at the receiver circuits and can be used to compensate for skew introduced in PCB design. Delay compensation may be set for clock and/or data lines in the hispi_timing register R0x31C0. If the DLL timing adjustment is not required, the data and clock lane delay settings should be set to a default code of 0x000 to reduce jitter, skew, and power dissipa- tion. Figure 12: Block Diagram of DLL Timing Adjustment cp dn …. …. MSB LSB TxPost dp cn 1 UI TxPre delay delay delay delay delay data _lane 0 data _lane 1 clock _lane 0 data _lane 2 data _lane 3 |