Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AR0130CSSC00SPBA0-DP Fiches technique(PDF) 13 Page - ON Semiconductor

No de pièce AR0130CSSC00SPBA0-DP
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP Fiches technique(HTML) 13 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP Datasheet HTML 9Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 10Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 11Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 14Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DP Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
13
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Output Data Format
Output Data Format
The AR0130 image data is read out in a progressive scan. Valid image data is surrounded
by horizontal and vertical blanking (see Figure 8). The amount of horizontal row time (in
clocks) is programmable through R0x300C. The amount of vertical frame time (in rows)
is programmable through R0x300A. LINE_VALID (LV) is HIGH during the shaded region
of Figure 8. Optional Embedded Register setup information and Histogram statistic
information are available in first 2 and last row of image data.
Figure 8:
Spatial Illustration of Image Readout
Readout Sequence
Typically, the readout window is set to a region including only active pixels. The user has
the option of reading out dark regions of the array, but if this is done, consideration must
be given to how the sensor reads the dark regions for its own purposes.
P0,0 P0,1 P0,2.....................................P0,n-1 P0,n
P1,0 P1,1 P1,2.....................................P1,n-1 P1,n
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
Pm-1,0 Pm-1,1.....................................Pm-1,n-1 Pm-1,n
Pm,0 Pm,1.....................................Pm,n-1 Pm,n
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 .................. 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
00 00 00 ..................................... 00 00 00
VALID IMAGE
HORIZONTAL
BLANKING
VERTICAL BLANKING
VERTICAL/HORIZONTAL
BLANKING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53