| Moteur de recherche de fiches techniques de composants électroniques |
|
ML6633CS Fiches technique(PDF) 5 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6633CS Fiches technique(HTML) 5 Page - Micro Linear Corporation |
|
5 / 5 page ![]() 5 ML6633 PHYSICAL DIMENSIONS inches (millimeters) SEATING PLANE 0.148 - 0.158 (3.76 - 4.01) PIN 1 ID 0.228 - 0.244 (5.79 - 6.20) 0.189 - 0.199 (4.80 - 5.06) 0.012 - 0.020 (0.30 - 0.51) 0.050 BSC (1.27 BSC) 0.015 - 0.035 (0.38 - 0.89) 0.059 - 0.069 (1.49 - 1.75) 0.004 - 0.010 (0.10 - 0.26) 0.055 - 0.061 (1.40 - 1.55) 8 0.006 - 0.010 (0.15 - 0.26) 0º - 8º 1 0.017 - 0.027 (0.43 - 0.69) (4 PLACES) Package: S08 8-Pin SOIC ORDERING INFORMATION PART NUMBER TEMPERATURE RANGE PACKAGE ML6633CS 0ºC to 70ºC 8-Pin SOIC (S08) ML6633IS –40ºC to 85ºC 8-Pin SOIC (S08) (Obolsete) © Micro Linear 1998. is a registered trademark of Micro Linear Corporation. All other trademarks are the property of their respective owners. Products described herein may be covered by one or more of the following U.S. patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940; 5,546,017; 5,559,470; 5,565,761; 5,592,128; 5,594,376; 5,652,479; 5,661,427; 5,663,874; 5,672,959; 5,689,167; 5,714,897; 5,717,798; 5,742,151; 5,747,977; 5,754,012; 5,757,174; 5,767,653; 5,777,514. Japan: 2,598,946; 2,619,299; 2,704,176. Other patents are pending. Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. DS6633-01 2092 Concourse Drive San Jose, CA 95131 Tel: (408) 433-5200 Fax: (408) 432-0295 www.microlinear.com |