| Moteur de recherche de fiches techniques de composants électroniques |
|
ML6420CS-4 Fiches technique(PDF) 2 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML6420CS-4 Fiches technique(HTML) 2 Page - Micro Linear Corporation |
|
2 / 20 page ![]() ML6420 2 PIN CONFIGURATION PIN DESCRIPTION PIN NAME FUNCTION 1 GNDB Ground pin for filter B 2VINC Signal input to filter C. Input impedance is 4k W. 3 GND Power and logic ground 4 GNDC Ground pin for filter C. 5VCC Positive supply for bias circuit. 6VCCC Power supply voltage for filter C. 7VOUTC Output of filter C. Drive is 1VP-P into 75 W (0.5V to 1.5V) or 2VP-P into 150W (0.5V to 2.5V). 8VCCB Power supply voltage for filter B. 9VOUTB Output of filter B. Drive is 1VP-P into 75 W (0.5V to 1.5V) or 2VP-P into 150W (0.5V to 2.5V). 10 VOUTA Output of filter A. Drive is 1VP-P into 75 W (0.5V to 1.5V) or 2VP-P into 150W (0.5V to 2.5V). PIN NAME FUNCTION 11 VCCA Power supply voltage for filter A. 12 GND Power and logic ground. 13 GNDA Ground pin for filter A. 14 RANGE Input signal range select. For -1 to -4; when RANGE is low (0), the input signal range is 0.5V to 2.5V, with an output range of 0.5V to 2.5V. When RANGE is high (1) the input signal range is 0V to 2V, with an output range of 0.5V to 2.5V. For -5 to -12; when RANGE is low (0), the input signal range is 0.5V to 1.5V, with an output range of 0.5V to 2.5V. When RANGE is high (1) the input signal range is 0V to 1V, with an output range of 0.5V to 2.5V. 15 VINA Signal input to filter A. Input impedance is 4k W. 16 VINB Signal input to filter B. Input impedance is 4k W. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 TOP VIEW ML6420 16-Pin Wide SOIC (S16W) GNDB VINC GND GNDC VCC VCCC VOUTC VCCB VINB VINA RANGE GNDA GND VCCA VOUTA VOUTB |