| Moteur de recherche de fiches techniques de composants électroniques |
|
MBR10100CG-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MBR10100CG-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MBR10100C DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-015.G SCHOTTKY BARRIER RECTIFIER FEATURES * 10 amps total (5 amps per diode leg) * Guard ring for transient protection * Low forward voltage drop * High surge capability * Low power loss/High efficiency SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 MBR10100CL-TA3-T MBR10100CG-TA3-T TO-220 A K A Tube MBR10100CL-TF1-T MBR10100CG-TF1-T TO-220F1 A K A Tube MBR10100CL-TF2-T MBR10100CG-TF2-T TO-220F2 A K A Tube MBR10100CL-TF3-T MBR10100CG-TF3-T TO-220F A K A Tube MBR10100CL-TN3-R MBR10100CG-TN3-R TO-252 A K A Tape Reel MBR10100CL-TND-R MBR10100CG-TND-R TO-252D A K A Tape Reel MBR10100CL-TQ2-T MBR10100CG-TQ2-T TO-263 A K A Tube MBR10100CL-TQ2-R MBR10100CG-TQ2-R TO-263 A K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING |
Numéro de pièce similaire - MBR10100CG-TN3-R |
|
Description similaire - MBR10100CG-TN3-R |