| Moteur de recherche de fiches techniques de composants électroniques |
|
BYC8L-6-SMB-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BYC8L-6-SMB-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BYC8 DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-023.f ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE DESCRIPTION The UTC BYC8 is a rectifier diode. It provides the designers with ultra-fast switching and low switching loss in associated MOSFET. The UTC BYC8 is generally applied in continuous current mode(CCM), power factor correction (PFC), half-bridge lighting ballasts and half-bridge/full-bridge switched mode power supplies. FEATURES * Low Reverse Recovery Current * Ultra-Fast Switching * Low Switching Loss In Associated MOSFET * Low Thermal Resistance SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Tab Packing BYC8L-6-TA2-T BYC8G-6-TA2-T TO-220-2 K A K Tube BYC8L-6-TN3-R BYC8G-6-TN3-R TO-252 K A K Tape Reel BYC8L-6-SMB-R BYC8G-6-SMB-R SMB K A - Tape Reel Note: Pin Assignment: A: Anode K: Cathode Tab: Mounting Base MARKING TO-220-2 / TO-252 SMB Date Code Cathode Band for uni-directional Only UTC BYC8 L: Lead Free G: Halogen Free |
Numéro de pièce similaire - BYC8L-6-SMB-R |
|
Description similaire - BYC8L-6-SMB-R |