| Moteur de recherche de fiches techniques de composants électroniques |
|
BYC5L-6-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BYC5L-6-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BYC5 Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-024.d ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE DESCRIPTION The UTC BYC5 is a rectifier diode. It provides the designers with ultra-fast switching and low switching loss. The UTC BYC5 is suitable for half-bridge lighting ballasts, half-bridge/full-bridge switched mode power supplies and active power factor correction applications. FEATURES * Low Reverse Recovery Current * Ultra-Fast Switching * Low Switching Loss * Low Thermal Resistance SYMBOL TO-220-2 TO-252 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BYC5L-6-TA2-T BYC5G-6-TA2-T TO-220-2 K A NC Tube BYC5L-6-TN3-T BYC5G-6-TN3-T TO-252 NC K A Tube BYC5L-6-TN3-R BYC5G-6-TN3-R TO-252 NC K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode Tab: Mounting Base MARKING |
Numéro de pièce similaire - BYC5L-6-TN3-R |
|
Description similaire - BYC5L-6-TN3-R |