| Moteur de recherche de fiches techniques de composants électroniques |
|
ML4875CS-3 Fiches technique(PDF) 10 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML4875CS-3 Fiches technique(HTML) 10 Page - Micro Linear Corporation |
|
10 / 10 page ![]() 10 ML4875 PART NUMBER OUTPUT VOLTAGETEMPERATURE RANGE PACKAGE ML4875CS-T (Obsolete) 3.0V 0°C to 70°C 8-Pin SOIC (S08) ML4875CS-3 3.3V 0°C to 70°C 8-Pin SOIC (S08) ML4875CS-5 5.0V 0°C to 70°C 8-Pin SOIC (S08) ML4875ES-T 3.0V –20°C to 70°C 8-Pin SOIC (S08) ML4875ES-3 (End Of Life) 3.3V –20°C to 70°C 8-Pin SOIC (S08) ML4875ES-5 (End Of Life) 5.0V –20°C to 70°C 8-Pin SOIC (S08) ORDERING INFORMATION 7/16/96 Printed in U.S.A. 2092 Concourse Drive San Jose, CA 95131 Tel: 408/433-5200 Fax: 408/432-0295 Micro Linear reserves the right to make changes to any product herein to improve reliability, function or design. Micro Linear does not assume any liability arising out of the application or use of any product described herein, neither does it convey any license under its patent right nor the rights of others. The circuits contained in this data sheet are offered as possible applications only. Micro Linear makes no warranties or representations as to whether the illustrated circuits infringe any intellectual property rights of others, and will accept no responsibility or liability for use of any application herein. The customer is urged to consult with appropriate legal counsel before deciding on a particular application. © Micro Linear 1996 is a registered trademark of Micro Linear Corporation Products described in this document may be covered by one or more of the following patents: 4,897,611; 4,964,026; 5,027,116; 5,281,862; 5,283,483; 5,418,502; 5,508,570; 5,510,727; 5,523,940. Other patents are pending. DS4875-01 PHYSICAL DIMENSIONS inches (millimeters) Package: S08 8-Pin SOIC SEATING PLANE 0.148 - 0.158 (3.76 - 4.01) PIN 1 ID 0.228 - 0.244 (5.79 - 6.20) 0.189 - 0.199 (4.80 - 5.06) 0.012 - 0.020 (0.30 - 0.51) 0.050 BSC (1.27 BSC) 0.015 - 0.035 (0.38 - 0.89) 0.059 - 0.069 (1.49 - 1.75) 0.004 - 0.010 (0.10 - 0.26) 0.055 - 0.061 (1.40 - 1.55) 8 0.006 - 0.010 (0.15 - 0.26) 0º - 8º 1 0.017 - 0.027 (0.43 - 0.69) (4 PLACES) Package: S08 8-Pin SOIC |