| Moteur de recherche de fiches techniques de composants électroniques |
|
BAT54CTBG-AN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54CTBG-AN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54CTB DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-051.B SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes are encapsulated in the SOT-523 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 BAT54CTBG-AN3-R SOT-523 A1 A2 K2K1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) R: Tape Reel (2) AN3: SOT-523 (3) G: Halogen Free and Lead Free BAT54CTBG-AN3-R (1)Packing Type (2)Package Type (3)Green Package MARKING |
Numéro de pièce similaire - BAT54CTBG-AN3-R |
|
Description similaire - BAT54CTBG-AN3-R |