| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS21G-CB2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAS21G-CB2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAS21 DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-040.D GENERAL PURPOSE DIODES DESCRIPTION The UTC BAS21 is a general purpose diode using UTC’s planar technology to provide customers with high current capacity and high switching speed. FEATURES * High Current Capability * High Switching Speed SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 BAS21G-AE3-R SOT-23 x A K Tape Reel BAS21G-CB2-R SOD-323 A K - Tape Reel Note: Pin Assignment: A: Anode K: Cathode x: NC MARKING SOT-23 SOD-323 |
Numéro de pièce similaire - BAS21G-CB2-R |
|
Description similaire - BAS21G-CB2-R |