| Moteur de recherche de fiches techniques de composants électroniques |
|
1N4148G-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
1N4148G-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 1N4148 DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-001.M HIGH-SPEED SWITCHING DIODE DESCRIPTION The UTC 1N4148 is designed for high-speed switching application in hybrid thick-and thin-film circuits. The devices is manufactured by the silicon epitaxial planar process and packed in plastic surface mount package. FEATURES * Ultra-high speed * Low forward voltage * Fast reverse recovery time SOT-23 (JEDEC TO-236) SOD-123 1 2 3 1 2 SOD-323 SOT-323 1 2 3 1 2 1 2 SOD-523 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - 1N4148G-AE3-R SOT-23 NC A C Tape Reel - 1N4148G-AL3-R SOT-323 NC A C Tape Reel - 1N4148G-CA2-R SOD-123 A C - Tape Reel - 1N4148G-CB2-R SOD-323 A C - Tape Reel 1N4148L-CC2-R 1N4148G-CC2-R SOD-523 A C - Tape Reel Note: Pin assignment: A: Anode C: Cathode NC: No Connection MARKING SOT-23 / SOT-323 SOD-123 SOD-323 SOD-523 |
Numéro de pièce similaire - 1N4148G-AE3-R |
|
Description similaire - 1N4148G-AE3-R |