Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4871CS-3 Fiches technique(PDF) 2 Page - Micro Linear Corporation

No de pièce ML4871CS-3
Description  High Current Boost Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-LINEAR [Micro Linear Corporation]
Site Internet  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4871CS-3 Fiches technique(HTML) 2 Page - Micro Linear Corporation

  ML4871CS-3 Datasheet HTML 1Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 2Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 3Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 4Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 5Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 6Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 7Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 8Page - Micro Linear Corporation ML4871CS-3 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ML4871
PIN CONFIGURATION
PIN DESCRIPTION
NO.
NAME
FUNCTION
1VL1
Boost inductor connection
2VIN
Battery input voltage
3
GND
Ground
4
DETECT
Pulling this pin below 1.25V causes
the RESET pin to go low
NO.
NAME
FUNCTION
5VOUT
Boost regulator output
6VL2
Boost inductor connection
7
RESET
Output goes low when DETECT goes
below 1.25V
8
PWR GND Return for the NMOS output transistor
ML4871
8-Pin SOIC (S08)
1
2
3
4
8
7
6
5
VL1
VIN
GND
DETECT
PWR GND
RESET
VL2
VOUT
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9