Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML4836CS Fiches technique(PDF) 12 Page - Micro Linear Corporation

No de pièce ML4836CS
Description  Compact Fluorescent Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRO-LINEAR [Micro Linear Corporation]
Site Internet  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4836CS Fiches technique(HTML) 12 Page - Micro Linear Corporation

Back Button ML4836CS Datasheet HTML 7Page - Micro Linear Corporation ML4836CS Datasheet HTML 8Page - Micro Linear Corporation ML4836CS Datasheet HTML 9Page - Micro Linear Corporation ML4836CS Datasheet HTML 10Page - Micro Linear Corporation ML4836CS Datasheet HTML 11Page - Micro Linear Corporation ML4836CS Datasheet HTML 12Page - Micro Linear Corporation ML4836CS Datasheet HTML 13Page - Micro Linear Corporation ML4836CS Datasheet HTML 14Page - Micro Linear Corporation ML4836CS Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ML4836
12
TYPICAL APPLICATIONS
The ML4836 can be used for a variety of lamp types:
T4 or compact fluorescent lamps
IEC T8 (linear lamps)
T5 linear lamps
T12 linear lamps
The ML4836 can also be used for dimming applications.
For example, 20:1 dimming can be achieved using the
ML4836 with external dimming units. The applications
schematics shown in Figures 11 and 12 are examples of
the various uses of the ML4836.
Figure11. 120V CFL Ballast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15