Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AXP209 Fiches technique(PDF) 16 Page - List of Unclassifed Manufacturers

No de pièce AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Fiches technique(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 12Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 13Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 14Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
3. Input voltage is too high( Overvoltage Protection)( See more details in chapter “ Intelligent
Power Select”
4. Have waited more than 2S(default) when N_OE changes from hight to low
5. Push PEK longer more than OFFLEVEL( Default 6S), and system will cut off all power output
except LDO1( there is no need for an extra RESET key)
Note: With the automatic protection mechanism, AXP209 can protect the whole system by preventing
components suffering from irreversible damage due to system abnormality.
Sleep and wakeup
When the running system needs to enter Sleep mode, REG31H [3] will determine whether one or
several power rails should be disabled or change to other voltage. Wakeup can be trigged by either
PEK signal, or the rising/falling edge of GPIO0, GPIO1, GPIO2, GPIO3 (To be the rising or falling edge,
or both can be programmed by REG90H[7:6], REG92H[7:6], REG93H[7:6], and REG95H[7:6]), with all
power rails resume to default voltage in default power on timing sequence.
NOTE: PEK IRQ(REG42H[1]), GPIO0 INPUT Edge IRQ (REG44H[0]), GPIO1 INPUT Edge IRQ
(REG44H[1]), GPIO2 INPUT Edge IRQ(REG44H[2]), GPIO3 INPUT Edge IRQ (REG44H[3]) should
be enabled to notify the processor to exit Sleep Mode via IRQ PIN.
See control process under sleep and wakeup modes as below:
Confidential
Page 16/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45