| Moteur de recherche de fiches techniques de composants électroniques |
|
MGBR30S45CL-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MGBR30S45CL-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MGBR30S45C Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-168.c DUAL MOS GATED BARRIER RECTIFIER DESCRIPTION The UTC MGBR30S45C is a dual mos gated barrier rectifiers, it uses UTC’s advanced technology to provide customers with low forward voltage drop and high switching speed, etc. FEATURES * Super low forward voltage drop * High switching speed SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing MGBR30S45CL-TA3-T MGBR30S45CG-TA3-T TO-220 A K A Tube MGBR30S45CL-TN3-R MGBR30S45CG-TN3-R TO-252 A K A Tape Reel Note: Pin Assignment: A: Anode K: Common Cathode MARKING TO-220 / TO-220F TO-252 |
Numéro de pièce similaire - MGBR30S45CL-TN3-R |
|
Description similaire - MGBR30S45CL-TN3-R |