| Moteur de recherche de fiches techniques de composants électroniques |
|
ML2350CIS/5 Fiches technique(PDF) 7 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2350CIS/5 Fiches technique(HTML) 7 Page - Micro Linear Corporation |
|
7 / 12 page ![]() ML2340, ML2350 7 1.0 FUNCTIONAL DESCRIPTION 1.1 D/A CONVERTER The D/A converter is implemented using an array of equal current sources that are decoded semi-linearly for the four most significant bits to improve differential linearity and to reduce output glitch around major carries. See Figure 4. The input voltage reference of the D/A converter is the difference between VREF IN and AGND. This difference voltage is converted to a reference current using an internal resistor to set up the appropriate current level in Figure 4. D/A Converter Implementation 4I 4I 4I 2I I I 4-BIT DIVIDER DACOUT DACOUT VCC 1.2 SINGLE-SUPPLY vs. DUAL-SUPPLY OPERATION ML2340 and ML2350 can be powered from a single supply ranging from 4.5V to 13.2V or dual supplies ranging from ±2.25V to ±6.6V. The internal digital and analog circuitry is powered between VCC and AGND. The range of DGND is AGND - DGND - VCC – 4.5V with the logic thresholds set between 0.8V and 2.0V above DGND (standard TTL logic level). The range of VZS is AGND - VZS - (VCC – 2.25V). 1.3 UNIPOLAR AND BIPOLAR OUTPUT VOLTAGE SWING ML2340 and ML2350 can operate in either unipolar or bipolar output voltage mode. Unipolar/bipolar mode selection is determined by comparing the zero scale voltage (VZS) of these devices to a precise internal reference that is referred to AGND. VZS is ideally the voltage that will be produced at the DAC voltage output when the digital input data is set to all “0’s” Unipolar mode is selected when VZS is lower than 1.00 volt, and bipolar mode is selected when VZS is greater than 1.50 volts. 1.3.1 Unipolar Output Mode In the unipolar mode, VOUT swings above VZS. Ideally the 00000000 code results in an output voltage of VZS, and the 11111111 code results in an output voltage of VFS x 255/256, where VFS is the full-scale voltage determined by VREF IN and the gain setting. 1.3.2 Bipolar Output Mode In the bipolar mode, VOUT swings around VZS. The input data is in 2’s complement binary format. Ideally, the 00000000 code results in an output voltage of VZS; the 10000000 code results in an output voltage of (VZS – VFS); and the 01111111 results in an output voltage of (VZS + VFS 127/128), where VFS is the full scale output voltage determined by VREF IN and the gain setting. 1.4 OUTPUT BUFFER AND GAIN SETTING The output buffer converts the D/A output current to a voltage output using a resistive network with proper gain setting determined by the GAIN 0 and GAIN 1 inputs. There are four possible gain settings for unipolar output voltage mode and bipolar output voltage mode as listed below: Unipolar Output Voltage Mode Voltage Output Swing GAIN 1 GAIN 0 GAIN Relative to VZS 00 1/4 VREF IN ¥ 1/4 01 1/2 VREF IN ¥ 1/2 101 VREF IN ¥ 1 112 VREF IN ¥ 2 the D/A converter. The D/A converter output current is then converted to a voltage output by an output buffer and a resistive network. The matching among the on-chip resistors preserves the gain accuracy between these conversions. The D/A converter can be used in a multiplying mode by modulating the reference input within the specified VREF IN range. |