| Moteur de recherche de fiches techniques de composants électroniques |
|
ML2280BIP Fiches technique(PDF) 16 Page - Micro Linear Corporation |
|
|
|||||||||||||||||||||||||||||
ML2280BIP Fiches technique(HTML) 16 Page - Micro Linear Corporation |
|
16 / 20 page ![]() ML2280, ML2283 16 APPLICATIONS (Continued) Low-Cost Remote Temperature Sensor + 10 µF RL 5VDC RSET ML2283 VIN (–) VIN (+) VCC VCC (5 VDC) VREF/2 10k Ω TA MIN ADJ. 5k Ω TA MAX ADJ. 7.5k Ω Operating with Ratiometric Transducers + 1 µF VIN (–) VIN (+) VCC VREF/2 VCC (5VDC) VCC (5VDC) ML2280 LOAD 2.5V 9.1k Ω 120k Ω 3k Ω 100 Ω 0.1 Ω (2A FULL-SCALE) ILOAD 1k Ω FS ADJ. 100 Ω ZERO ADJ. + 10 µF → 2k Ω 240k Ω Digitizing a Current Flow Protecting the Input VIN (+) VIN (–) VCC VCC (5VDC) –15VDC 15VDC + – ML2280 + 10 µF OP AMP 600 Ω DIODE CLAMPING IS NOT NEEDED IF CURRENT IS LIMITED TO 25mA VIN (+) *VIN (–) = 0.15VCC 15% OF VCC ≤ VXDR ≤ 85% OF VCC VCC VREF/2 VCC (5VDC) ML2280 0.35 VCC 1k Ω FS ADJ. 1k Ω ZERO ADJ. 8.2k Ω + 10 µF + 1 µF 16k Ω 20k Ω 3k Ω VIN (–)* XDR VXDR |