| Moteur de recherche de fiches techniques de composants électroniques |
|
UMR11NL-AL6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UMR11NL-AL6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UMR11N DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-204.B SWITCHING DIODE DESCRIPTION The UTC UMR11N is a small signal switching diode, it uses UTC’s advanced technology to provide customers with high reliability, etc. The UTC UMR11N is suitable for high frequency switching applications. FEATURES * High frequency application * High reliability SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4 5 6 UMR11NL-AL6-R UMR11NG-AL6-R SOT-363 A1 A2 A3A4 K4 K3 K1K2 Tape Reel Note: Pin Assignment: A: Anode K: Cathode UMR11NL-AL6-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AL6: SOT-363 (3) L: Lead Free, G: Halogen Free (3)Halogen Free MARKING |
Numéro de pièce similaire - UMR11NL-AL6-R |
|
Description similaire - UMR11NL-AL6-R |