| Moteur de recherche de fiches techniques de composants électroniques |
|
SF18GP-Z41-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
SF18GP-Z41-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD SF18G DIODE www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R601-265-B GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER DESCRIPTION The UTC SF18G is a glass passivated super fast rectifier, it uses UTC’s advanced technology to provide customers with high surge current and low forward voltage drop, etc. FEATURES * Low forward voltage drop * High surge current capability * High current capability * High reliability SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 Packing SF18GL-Z41-B SF18GP-Z41-B DO-41 K A Tape Box SF18GL-Z41-R SF18GP-Z41-R DO-41 K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode (1) B: Tape Box, R: Tape Reel (2) Z41: DO-41 (3) L: Lead Free, P: Halogen Free and Lead Free SF18GL-Z41-B (1)Packing Type (2)Package Type (3)Green Package MARKING SF18G Date Code L: Lead Free P: Halogen Free Cathode Band for uni-directional Only |
Numéro de pièce similaire - SF18GP-Z41-R |
|
Description similaire - SF18GP-Z41-R |