| Moteur de recherche de fiches techniques de composants électroniques |
|
RS1010FLG-CA2F-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
RS1010FLG-CA2F-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD RS1010FL DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-214.B SURFACE MOUNT FAST DIODE DESCRIPTION The UTC RS1010FL is a surface mount fast diode, it uses UTC’s advanced technology to provide customers with fast switching and low reverse leakage, etc. The UTC RS1010FL is suitable for surface mounted applications. FEATURES * Fast switching * Low profile package * Low reverse leakage SYMBOL SOD-123F ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 RS1010FLG-CA2F-R SOD-123F K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING RAFG |
Numéro de pièce similaire - RS1010FLG-CA2F-R |
|
Description similaire - RS1010FLG-CA2F-R |